|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
*rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. inductance 100 khz q test srf rdc i rms i sat bourns part no. (h) tol. % typ. frequency typ. max. max. typ. (mhz) (mhz) ( ? ) (a) (a) srr7032-2r2m 2.2 20 12 7.96 70 0.022 2.65 2.60 SRR7032-3R3M 3.3 20 16 7.96 55 0.027 2.40 2.20 srr7032-4r7m 4.7 20 16 7.96 43 0.042 2.00 2.00 srr7032-6r8m 6.8 20 17 7.96 37 0.054 1.60 1.80 srr7032-100m 10.0 20 25 2.52 35 0.068 1.40 1.60 srr7032-150m 15.0 20 22 2.52 32 0.095 1.10 1.20 srr7032-220m 22.0 20 20 2.52 29 0.135 0.96 1.05 srr7032-330m 33.0 20 23 2.52 20 0.200 0.76 0.86 srr7032-470m 47.0 20 26 2.52 18 0.280 0.67 0.77 srr7032-680m 68.0 20 22 2.52 16 0.380 0.60 0.70 srr7032-101m 100.0 20 28 0.796 12 0.540 0.45 0.50 srr7032-151m 150.0 20 35 0.796 10 0.800 0.37 0.38 srr7032-221m 220.0 20 47 0.796 7.5 1.300 0.30 0.32 srr7032-331m 330.0 20 46 0.796 6.1 1.900 0.22 0.24 srr7032-471m 470.0 20 34 0.796 5.1 2.400 0.20 0.20 srr7032-681m 680.0 20 58 0.796 3.8 3.750 0.16 0.15 srr7032-102m 1000.0 20 120 0.252 3.1 5.400 0.15 0.14 srr7032 series - shielded smd power inductors features available in e6 values inductance value to 1000 h lead free rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions recommended layout 220 2.0 (.079) typ. 3.20 0.2 (.126 .008) 7.0 0.3 (.276 .012) 7.0 0.3 (.276 .012) 1.5 (.059) typ. 4.0 (.157) typ. general specifications test voltage.....................................0.5 v reflow soldering ...230 ?, 50 sec. max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ................................260 ? for 10 sec. materials core ............................ferrite dr and ri wire .............enameled copper wire 130 terminal.....................................cu/ni/sn rated current ....................ind. drop 10 % typ. at isat temperature rise ..................30 ? max. at rated irms packaging ..................1500 pcs. per reel electrical schematic dimensions: mm (inches) 2.4 (.094) ref. 7.80 (.307) 1.8 (.071) ref. 1.8 (.071) ref. 4.2 (.165) ref. ref. 150 *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. srr7032 series - shielded smd power inductors rev. 07/10 18 (.709) 22.4 (.882) 2.0 0.5 (.079 .020) 50.0 (1.969) 330 (13.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. packaging specifications 220 220 2 user direction of feed 160 (6.299) no component no component components 390 (15.354) start 4 (.157) 12.0 (.472) 5.3 (.209) 16 (.630) end qty: 1500 pcs. per reel dimensions: mm (inches) |
Price & Availability of SRR7032-3R3M |